PART |
Description |
Maker |
MAX1191ETI-T 1191 |
Ultra-Low-Power 7.5Msps Dual 8-Bit ADC
|
MAXIM - Dallas Semiconductor
|
MAX1277BETC-T MAX1279BETC-T MAX1277AETC-T MAX1279A |
1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
|
Maxim Integrated Products
|
MAX1079 MAX1077 MAX1077-MAX1079 |
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference From old datasheet system
|
Maxim
|
MAX1077 MAX1077ETC MAX1077ETCT MAX1079ETCT |
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, QCC12
|
Maxim Integrated Products, Inc.
|
MAX924C_D MAX924CPE MAX924EPE MAX924ESE MAX924MJE |
Triple 3-Input Positive-AND Gates 14-CDIP -55 to 125 Ultra Low-Power / Single/Dual-Supply Comparators Ultra Low-Power, Single/Dual-Supply Comparators Ultra Low-Power Single/Dual-Supply Comparators
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC2257CUJ-12-PBF LTC2257IUJ-12-PBF LTC2257CUJ-12- |
12-Bit, 65/40/2 5Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
AUK11Y48 AUK06A48 AUK09F48 AUK10G48 AUK11M48 AUK11 |
DC-DC / Ultra Low Profile Isolated 30w Ultra Low Profile - 4.4mm 30 Watts Embedded Power
|
ASTEC[Astec America, Inc] Emerson Network Power http://
|
IRF7702GPBF IRF7703GPBF |
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
|
International Rectifier
|
IC62VV25616LL IC62VV25616L IC62VV25616LL-70TI IC62 |
OSC 5V 14PIN TTL 256Kx161.8V和超低功耗CMOS静态RAM 256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 256Kx161.8V和超低功耗CMOS静态RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 70ns; 1.8V; 256K x 16 ultra low power CMOS static RAM
|
Integrated Circuit Solu... Fuji Electric Holdings Co., Ltd. ICSI[Integrated Circuit Solution Inc]
|
MAX6826 MAX6827 MAX6828 MAX6829 MAX6831 MAX6830 MA |
Vcc1: 3.3 V, Vcc2: 1.2 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1: 3.3 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer 2.63 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Dual Ultra-Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer Dual Ultra-Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer 低电压、双电源监控复位电路 From old datasheet system 16-Bit Shift Registers 28-LCCC -55 to 125 4-By-4 Register Files With 3-State Outputs 16-CDIP -55 to 125 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 SOT-23, 6 PIN Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 2.32 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer Vcc1:1.8 V, Vcc2: 1.5 V, dual ultra-low-voltage mP supervisor with manual reset and watchdog timer
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
IS62WV51216BLL-55BLI IS62WV51216ALL-70XI IS62WV512 |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 12k × 16低电压,超低功耗的CMOS静态RAM 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 55 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
CXOLAT |
Ultra-Low Power/Fast Start-Up/Ultra-Miniature
|
STATEK CORPORATION
|